Part Number Hot Search : 
APT7846 AVC16 SP3483 01203 12012 LS121 SD150 B82498B
Product Description
Full Text Search
 

To Download TR254 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TIN CAN AUTOMOTIVE RECTIFIER
TR251 THRU TR254
TECHNICAL SPECIFICATION FEATURES
* * * *
26.00 0.5
VOLTAGE RANGE CURRENT
100 to 400 Volts 25.0 Amperes
TR
Low Leakage Low forward voltage drop High current capability High forward surge current capacity
? 1.5 0.1
6.8 0.2
? 7.6 0.05
? 8.67 0.2
? 10.60 0.3
MECHANICAL DATA
* * * * * *
Epoxy
Technology: vacuum soldered Case: Tin Can Polarity: the glass is bule (Positive) the glass is white (Negative) Lead: Plated Ni lead, solderable per MIL-STD-202E method 208C Mounting: at will Weight: 0.09 ounces, 2.57 grams
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60HZ, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS TR251 100 70 100 TR252 200 140 200 25 TR253 300 210 300 TR254 400 280 400 UNIT Volts Volts Volts Amps
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, At Tc=105 Peak Forward Surge Current 3.3mS single half sine wave superimposed on Rated load (JEDEC method) Rating for fusing (t8.3ms) Maximum instantaneous Forward Voltage at 100A Maximum DC Reverse Current at Rated TA=25 DC Blocking Voltage Typical Thermal Resistance Operating and Storage Temperature Range TA=100
VRRM VRMS VDC IO
IFSM I2t VF IR RJC TJ,TSTG
400 664 1.10 5.0 250 1.0 (-65 to +175)
Amps A2S Volts UA /W
Notes:
1. Enough heatsink must be considered in application.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
TIN CAN AUTOMOTIVE RECTIFIER
TR251 THRU TR254
VOLTAGE RANGE CURRENT
100 to 400 Volts 25.0 Amperes
RATINGS AND CHARACTERISTIC CURVES TR251 THRU TR254
F1G.1 TYPICAL FORWARD CURRENT DERATING GURVE
AVERAGE FORWARD CURRENT, (A)
30 25 20 600 8.3ms Single Half Sine-Wave 500 400 300 200 100 1 Cycle 0 25 50 75 100 125 150 175 1 2 4 6 8 10 20 40 60 80 100 (JEDEC Method) Tj=Tj max
F1G.2 MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
Single Phase 10 Half Wave 60Hz Resistive or Inductive Load 0.375(9.5mm) Lead Length 0
AMBIENT TEMPERATURE, ()
PEAK FORWARD SURGE CURRENT,(A)
NUMBER OF CYCLES AT 60 Hz
F1G.3 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
1000
F1G.4 FORWARD ROWER DISSIPATION
AVERAGE POWER DISSIPATION (W)
60
INSTANTANEOUS FORWARD CURRENT, (A)
100
40 SQUARE WAVE
DC 20
10
T1=25 PULSE WIDTH=300S 1%DUTY CYCLE 1.0
0 0 10 20 30 40 50
AVERAGE FORWARD CURRENT, (A)
0.1 0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE,(V)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of TR254

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X